Part Number Hot Search : 
0732G ST1510FX 46010 ON1271 CS5165H 1SS214 EM74XXX RX5000
Product Description
Full Text Search
 

To Download 2SC2001-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  npn silicon plastic-encapsulate transistor features ? capable of 0.6 watts of power dissipation. ? collector- current 0. 7a ? collector-base voltage 30v ? operating and storage junction temperature range: -55 o c to +150 o c electrical characteristics @ 25 o c unless otherwise specified symbol parameter min max units off characteristicsv (br)ceo collector- emitter breakdown voltage (i c =10madc, i b =0) 25 --- vdc v (br)cbo collector-base breakdown voltage (i c =100uadc, i e =0) 30 --- vdc v (br)ebo emitter- base breakdown voltage (i e =100uadc, i c =0) 5.0 --- adc i cbo collector cutoff current(v cb =30vdc, i e =0) --- 0.1 uadc i ceo collector cutoff current(v ce =20vdc, i e =0) ---- 0.1 vdc i ebo emitter cutoff current(v eb =5.0vdc, i c =0) --- 0.1 uadc on characteristics h fe dc current gain(i c =100madc, v ce =1.0vdc) 90 400 --- v ce(sat) collector- emitter saturation voltage (i c =700madc, i b =70madc) --- 0.6 vdc v (be)sat base- emitter saturation voltage (i c =700madc, i b =70madc) --- 1.2 vdc f t transition frequency (v ce =6.0vdc, i c =10madc, f=3 0mhz) 50 --- mhz classification of h fe rank m l k range 90-180 135-270 200-400  
 omp onents 20736 marilla street chatsworth       
     m cc revision: d 201 3/01/01 tm micro commercial components w w w. m c c se m i .c om 1 of 2 x marking : c2001 2 s c2001 -m 2 s c2001 -l 2 s c2001 -k ? lead free finish/rohs compliant ("p"suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 inches mm dim min max min max note a .175 .185 4.45 4.70 b .175 .185 4.45 4.70 c .500 --- 12.70 --- d .016 .020 0.41 0.63 e .135 .145 3.43 3.68 .09 5 .10 5 2.4 2 2.67 straight lead a e b c d g e c b e c b bent lead straight lead bulk p ack ammo pack * for ammo packing detailed specification, click here to visit our website of product packaging for details. . 17 3 . 22 0 4.4 0 5.60 bent lead g to-92 dimensions h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
m cc revision: d 201 3/01/01 tm micro commercial components w w w. m c c se m i .c om 2 of 2 3 p a r t n u m b e r - bp b u l k: 1 0 0 k p c s / c a r t o n o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. d e vi c e p ac k i n g p a r t n u m b e r- a p a m m o p a c k i n g : 2 0 k p c s / ca rt o n note : adding "-hf" suffix for halogen free, eg. part number-ap-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SC2001-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X